PART |
Description |
Maker |
MC145705DW MC145705P MC145706DW MC145706P MC145707 |
5 VOLT ONLY DRIVER/RECEIVER WITH AN INTERGRATED STANDBY MODE (MC145706 / MC145707) 5 Volt Only Driver/Receiver with an Integrated Standby Mode Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO20 Dual-Processor Supervisory Circuits with Power-Fail 8-MSOP -40 to 85 Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C
|
Motorola, Inc MOTOROLA[Motorola Inc] Jiangsu Changjiang Electronics Technology Co., Ltd.
|
LT1180A LT1180AC LT1180ACN LT1180ACSW LT1180AI LT1 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1uF Capacitors Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
LINER[Linear Technology]
|
LT1780CSWPBF LT1781CSPBF LT1781CNPBF LT1780CNPBF |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO18 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDSO16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP16 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C LINE TRANSCEIVER, PDIP18
|
Linear Technology, Corp.
|
LT1081-15 LT1080-15 |
Advanced Low Power 5V RS232 Dual Driver/Receiver
|
Linear Technology
|
LT1281A LT1280A |
Low Power 5V RS232 Dual Driver/Receiver with 0.1F Capacitors From old datasheet system
|
Linear
|
NJU6402 NJU6402B NJU6402BD NJU6402BM |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C RS232C LINE DRIVER/RECEIVER
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
CXA1854AR |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sony Corporation
|
SP385EEA/TR SP385ECA/TR SP385ECT/TR |
Enhanced 3V or 5V RS-232 Line Driver/Receiver Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
Sipex Corporation
|
MC10H330LR2 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
ON Semiconductor
|
CXA1634 CXA1634M CXA1634P |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 PRE-POWER AMPLIFIER FOR POCKETABLE STEREO CASSETTE PLAYER
|
Sony, Corp. SONY[Sony Corporation]
|
HCF4070 HCF4070B HCF4070BC1 HCF4070BEY HCF4070BF H |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit GATES 盖茨 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
CXA1665M CXA1665M-S CXA1665 |
All Band TV Tuner IC (VHF-CATV-UHF) 所有带电视调谐器集成电路(甚高频,有线电视,超高频 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件
|
Sony, Corp. SONY[Sony Corporation]
|